Part Number Hot Search : 
TSOP1238 TA7256 250C1 SBR1060 EN25P10 74HC366 74VHC20T MP1474DJ
Product Description
Full Text Search
 

To Download RSS-0933 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.recom-international.com ec 15 august 2002 selection guide econoline - dc/dc-converter rss / rsd series, 1 watt, smd (single & dual output) specifications (core operating area) and operating temperature / derating-graph part input output output efficiency number voltage voltage current smd (vdc) (vdc) (ma) (%) rss-xx1.8 1.8, 3.3, 5, 9, 12, 15, 24 1.8 555 70 rss-xx3.3 1.8, 3.3, 5, 9, 12, 15, 24 3.3 303 75 rss-xx05 1.8, 3.3, 5, 9, 12, 15, 24 5 200 70-78 rss-xx09 1.8, 3.3, 5, 9, 12, 15, 24 9 111 70-78 rss-xx12 1.8, 3.3, 5, 9, 12, 15, 24 12 84 78-82 rss-xx15 1.8, 3.3, 5, 9, 12, 15, 24 15 66 80-84 rss-xx24 1.8, 3.3, 5, 9, 12, 15, 24 24 42 74-85 rsd-xx1.8 1.8, 3.3, 5, 9, 12, 15, 24 ?.8 ?78 70 rsd-xx3.3 1.8, 3.3, 5, 9, 12, 15, 24 ?.3 ?52 70 rsd-xx05 1.8, 3.3, 5, 9, 12, 15, 24 ? ?00 70-78 rsd-xx09 1.8, 3.3, 5, 9, 12, 15, 24 ? ?6 75-80 rsd-xx12 1.8, 3.3, 5, 9, 12, 15, 24 ?2 42 78-84 rsd-xx15 1.8, 3.3, 5, 9, 12, 15, 24 ?5 33 80-84 rsd-xx24 1.8, 3.3, 5, 9, 12, 15, 24 ?4 21 80-84 input voltage ?0% input filter capacitor type output voltage accuracy ?% line voltage regulation 1,2%/1% v input load voltage regulation 1.8v, 3.3v output types 20% max. (10% to 100% full load) 5v output type 15% max. 9v, 12v, 15v, 24v output types 10% max. ripple and noise (20mhz limited) 100mvp-p max. efficiency at full load 70% min. isolation voltage 1.000vdc min. isolation resistance (viso = 500vdc) 10 g ? min. isolation capacitance 15pf min./70pf max. short circuit protection 1 second switching frequency at full load 100khz typ. operating temperature -40? to +85?* (see graph) storage temperature -55? to +125 package weight single output types 1.5g double output types 2.2g 1kvdc isolation efficiency to 78% power density 1.8w/cm 3 ul 94v-0 package material t oroidal magnetics internal smd construction output power (watts) 2.0 1.5 0.5 1.0 100 50 0 -40 85 125 150 operating temperature ?c safe operating area 0 features
ec 16 www.recom-international.com august 2002 econoline - dc/dc-converter rss / rsd series, 1 watt, smd (single & dual output) package style and pinning (mm) 12.00 1.80 1.20 10 7 24 15 rss-0505 recom 0.50 0.5 2.57 2.54 x 4 15.24 5.40 1.65 0.20 14.70 2.54 x 3 12.75 5.35 1.65 0.20 12.10 11.10 12.00 1.80 1.20 85 24 1 rsd-0505 recom **** 0.50 0.5 2.54 9.00 7.90 8.20 7.40 xx.x 0.5 mm xx.xx 0.25 mm 3rd angle projection pin connections pin # single dual 1 ?in ?in 2 +vin +vin 4v out com 5+v out -vout 7 no pin +vout 8nc no pin 10 no pin nc nc = no connection dual smd package single smd package recommended footprint details


▲Up To Search▲   

 
Price & Availability of RSS-0933

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X